Part Number Hot Search : 
MAX8881 OPA9447 MPC74 629127 ALE13F12 11012 MPW160K LCS700
Product Description
Full Text Search
 

To Download PCLH-206A1SP000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  713 dimensions are shown for reference purposes only. dimensions are in inches over (millimeters) unless otherwise specified. specifications and availability subject to change. www.tycoelectronics.com technical support: refer to inside back cover. oeg catalog 1308242 issued 3-03 (pdf rev. 3-04) features ?small size, 3a, 5a, 10a and 15a switching capacity. ?meets ul and csa requirements. ?1 pole, 2 poles and 4 poles contact arrangements. ?ac and dc coils with ul class f (155 c) coil insulation system standard. ?optional flange mount case. ?plug-in terminals or pcb terminals. contact data @ 20 c arrangements: 1 form a (spst-no), 1 form c (spdt), 2 form a (dpst-no), 2 form c (dpdt), 4 form a (4pst-no), 4 form c (4pdt). material: ag, ag alloy. max.switching rate: 300ops./min.(mechanical). 30ops./min.(electrical). expected mechanical life: 100 million operations (no load). expected electrical life: 100,000 operations (rated load). minimum load: 100ma @ 5vdc. initial contact resistance: 50milliohms @ dc6v,1a. contact ratings ratings: pcl-4 3a @ ac250v/dc24v resistive. pcl-2 5a @ ac250v/dc24v resistive. pclh-2 15a @ ac120v resistive. 10a @ ac250v/dc24v resistive. pclh-1 15a @ ac250v/dc24v resistive. max. switched current: pcl-4 3a. pcl-2 5a. pclh-2 15a. pclh-1 15a. max. switched power: pcl-4 660va, 72w. pcl-2 1,100va, 120w. pclh-2 3,168va, 240w. pclh-1 3,300va, 360w. initial dielectric strength between open contacts: 1,000vac 1minute. between adjacent contact terminals: 1,500vac 1minute. between contacts and coil: 2,000vac 1minute. surge voltage (coil-contact): 3,000v(1.2/50 s). initial insulation resistance between open contacts: 1,000mohms @ 500vdc. between adjacent contact terminals: 1,000mohms @ 500vdc. between contacts and coil: 1,000mohms @ 500vdc. coil data voltage: ac 6 - 240v. dc 6 - 110v. nominal power: ac abt. 1.4va/1.2va (50hz/60hz). dc abt. 0.9w. coil temperature rise: ac 60 c max. dc 50 c max. max. coil power: 110% of nominal voltage. pcl/pclh series 3a, 5a, 10a, 15a general purpose miniature relay factory automation, process controls, electrical panels, etc. ul file no. e58304 csa file no. lr48471 coil data@ 20 c operate data @ 20 c must operate voltage: ac 80% of nominal voltage or less. dc 80% of nominal voltage or less. must release voltage: ac 30% of nominal voltage or more. dc 10% of nominal voltage or more. operate time: ac 20ms max. dc 15ms max. release time: ac 20ms max. dc 8ms max. environmental data temperature range: operating: -10 c to +55 c. humidity: 45 to 85%. (non-condensing). vibration, operational: 10 to 55hz 1.0mm double amplitude. mechanical: 10 to 55hz 1.0mm double amplitude. shock, operational: 100m/s 2 (abt. 10g). mechanical: 1,000m/s 2 (abt. 100g). mechanical data termination: plug-in, pcb. enclosure: snap-on cover. weight: 1.26 oz (32g) approximately. pcl ac coil 610 12 40 24 160 48 600 80% max. 30% min. abt. 1.4 100 2,800 110/120 3,400 200 11,000 220/240 13,600 coil resistance (ohms) 10% nominal coil power (va) rated coil voltage (vac) pcl dc coil coil resistance (ohms) 10% must operate voltage (vdc) must release voltage (vdc) nominal coil power (w) rated coil voltage (vdc) 640 12 160 24 650 80% max. 10% min. 48 2,600 100/110 11,000 abt. 1.1 must operate voltage (vac) must release voltage (vac) abt. 0.9 users should thoroughly review the technical data before selecting a product part number. it is recommended that user also seek out the pertinent approvals files of the agencies/laboratories and review them to ensure the product meets the requirements for a given application.
714 dimensions are shown for reference purposes only. dimensions are in inches over (millimeters) unless otherwise specified. specifications and availability subject to change. oeg catalog 1308242 issued 3-03 (pdf rev. 3-04) www.tycoelectronics.com technical support: refer to inside back cover. ordering information typical part number pcl -2 02a 1 s ,000 1. basic series: pcl = 3a, 5a type pclh = 10a,15a type 2. number of poles: 1 = 1 pole (pclh only) 2 = 2 pole 4 = 4 pole (pcl only) 3. coil voltage: 01a=6vac 02a=12vac 03a=24vac 04a=48vac 05a=100vac 06a=110/120vac 07a=200vac 08a=220/240vac 01d=6vdc 02d=12vdc 03d=24vdc 04d=48vdc 05d=100/110vdc 4. contact material: blank = ag (only available on 4 pole model) 1 = ag alloy (available with all versions) 5. contact arrangement: blank = form c m = form a 6. case type: s = standard (smoke color) f = flange mount (smoke color) 7. terminal type: blank = plug-in p = pcb 8. indicator lamp: blank = none l = indicator lamp 9. option: ,000 = standard model other suffix = custom model. pcl 2c, 2a type (pcb terminal) pcl 2c, 2a type (plug-in terminal) not present on form a model .02 (.5) .059 (1.5) .197 .012 (5.0 .3) 1.32 .02 (33.6 .5) 1.08 .02 (27.5 .5) .835 .02 (21.2 .5) .157 .008 (4.0 .2) .157 .008 (4.0 .2) .520 .008 (13.2 .2) .02 (.5) .02 (.5) .059 (1.5) .02 (.5) .248 (6.3) .25 (6.35) .498 (12.65) .659 (16.75) .02 (.5) .098 (2.5) .22 .012 (5.6 .3) 1.32 .02 (33.6 .5) .835 .02 (21.2 .5) .520 .008 (13.2 .2) .02 (.5) .02 (.5) .098 (2.5) .02 (.5) .248 (6.3) .25 (6.35) .498 (12.65) .659 (16.75) 1.08 .02 (27.5 .5) .157 .008 (4.0 .2) our authorized distributors are more likely to stock the following items for immediate delivery. outline dimsisions pclh-202a1s,000 pclh-203a1s,000 pclh-206a1s,000 pclh-208a1s,000 pclh-202d1s,000 pclh-203d1s,000 pclh-204d1s,000 pclh-205d1s,000 pclh-206a1sp,000 pclh-202d1sp,000 pclh-203d1sp,000 pclh-205d1sp,000
715 dimensions are shown for reference purposes only. dimensions are in inches over (millimeters) unless otherwise specified. specifications and availability subject to change. www.tycoelectronics.com technical support: refer to inside back cover. oeg catalog 1308242 issued 3-03 (pdf rev. 3-04) pclh type (pcb terminal) pclh type (plug-in terminal) outline dimensions (continued) not present on form a models .02 (.5) .079 (2.0) .177 .012 (4.5 .3) 1.32 .02 (33.6 .5) 1.08 .02 (27.5 .5) .835 .02 (21.2 .5) .22 .008 (5.6 .2) .394 .008 (10 .2) .02 (.5) .02 (.5) .02 (.5) .234 (5.95) .285 (7.25) .518 (13.15) .703 (17.85) .079 (2.0) .079 (2.0) .02 (.5) .132 .008 (3.35 .2) .571 .008 (14.5 .2) .02 (.5) .18 7 (4.75) .24 .012 (6.1 .3) 1.32 .02 (33.6 .5) 1.0 8 .02 (27.5 .5) .835 .02 (21.2 .5) .22 .008 (5.6 .2) .394 .008 (10 .2) .02 (.5) .02 (.5) .02 (.5) .234 (5.95) .285 (7.25) .518 (13.15) .703 (17.85) .02 (.5) .132 .008 (3.35 .2) .571 .008 (14.5 .2) .18 7 (4.75) .18 7 (4.75) pcl 4c, 4a type (pcb terminal) pcl 4c, 4a type (plug-in terminal) not present on form a model .039 (1.0) .197 .012 (5.0 .3) 1.32 .02 (33.6 .5) 1.08 .02 (27.5 .5) .835 .02 (21.2 .5) .157 .008 (4.0 .2) .173 .008 (4.4 .2) .520 .008 (13.2 .2) .039 (1.0) .248 (6.3) .25 (6.35) .498 (12.65) .659 (16.75) .346 .008 (8.8 .2) .02 (.5) .02 (.5) .02 (.5) .02 (.5) .157 .008 (4.0 .2) .039 (1.0) .039 (1.0) .02 (.5) .096 (2.45) .22 .012 (5.6 .3) 1.32 .02 (33.6 .5) .02 (.5) .02 (.5) .096 (2.45) .02 (.5) .248 (6.3) .25 (6.35) .498 (12.65) .659 (16.75) 1.08 .02 (27.5 .5) .096 (2.45) .096 (2.45) .835 .02 (21.2 .5) .157 .008 (4.0 .2) .173 .008 (4.4 .2) .520 .008 (13.2 .2) .346 .008 (8.8 .2) pclh type (flange mount case) .854 max. (21.7) 1. 4 9 6 (38.0) 1.10 max. (28.0) 1.71 max. (43.5) 1.60 max. (40.7) .090 typ. (2.3) .138 typ . (3.5) 12 3 4 56 7 8
716 dimensions are shown for reference purposes only. dimensions are in inches over (millimeters) unless otherwise specified. specifications and availability subject to change. oeg catalog 1308242 issued 3-03 (pdf rev. 3-04) www.tycoelectronics.com technical support: refer to inside back cover. coil temperature rise operate time 70 coil voltage (% of rated nominal) dc 80 90 100 110 120 130 30 35 20 15 10 5 time (msec) operate time 35 release time dc dc ac ac 100 80 60 40 20 0.8 1.2 1.6 2.0 2.4 temp. rise ( c) coil power (w,va) ac 0.4 wiring diagrams (bottom views) pcl 4c type pcl 2c type pcl 4a type pcl 2a type pclh 2c type pclh 1c type pclh 2a type pclh 1a type pc board layouts (bottom views) pcl 4pole type pcl 4pole type pclh type 27.5 1.08 (27.5) .83 (21.2) .520 (13.2) .248 (6.3) .252 (6.4) .500 (12.7) .661 (16.8) .173 (4.4) 14 ?.059 dia (1.5) 1.08 (27.5) .520 (13.2) .83 (21.2) .248 (6.3) .252 (6.4) .500 (12.7) .661 (16.8) 8 ?.079 dia (2.0) .571 (14.5) .83 (21.2) .173 (4.4) .236 (6.0) .287 (7.3) .520 (13.2) .705 (17.9) 8 ?.098 dia (2.5) reference data sockets for pcl socket information refer to kh series sockets (page 712). for pclh socket information refer to k10 series sockets (page 722).


▲Up To Search▲   

 
Price & Availability of PCLH-206A1SP000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X